PART |
Description |
Maker |
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
MIC3775-1.5BMM MIC3775-1.5YMM MIC3775-1.65BMM MIC3 |
750mA 渭Cap Low-Voltage Low-Dropout Regulator 750mA μCap Low-Voltage Low-Dropout Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Micrel Semiconductor MICREL INC
|
B1582 B1582J-1.5 B1582J-2.5 B1582J-3.0 B1582J-3.3 |
1.5 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output 2.5V 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator Adjustable 4.0A low dropout voltage regulator 2.5 4.0A low dropout voltage regulator
|
BayLinear
|
B1581 B1581T-2.5 B1581T-3.3 B1581T-5 B1581T-ADJ B1 |
5.0A Low Dropout Voltage Regulator Adjustable & Fix Output 2.5V 5.0A low dropout voltage regulator 3.3V 5.0A low dropout voltage regulator Adjustable 5.0A low dropout voltage regulator 1.5V 5.0A low dropout voltage regulator 3.0V 5.0A low dropout voltage regulator
|
BayLinear
|
L88MS00T L88MS04T L88MS05T L88MS06T L88MS08T L88MS |
6V 0.5A Low Dropout Voltage Regulators with On/Off Function(输出电压6V,输出电流为500mA的低压差电源稳压器(带输出电压控制的开/关功 4 to 12 V/ 0.5 A Low Dropout Voltage Regulator with On/Off Function 4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|
AN8085 AN8085M AN8004M AN8004 AN8025M AN8025 AN800 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Low Dropout Regulator 3-pin positive output low dropout voltage regulator (50 mA type) 3-pin Positive Output Low Dropout Voltage Regulator 50mA Type 3-pin, positive output, low dropout voltage regulator (50 mA type) 3-pin/ positive output/ low dropout voltage regulator (50 mA type)
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
SPX2954N-L-3.3 SPX2954N-L-3.3/TR SPX2954N-L-5.0 SP |
5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSFM3 250mA Low Dropout Voltage Regulator, 0.5% 250mA Low Dropout Voltage Regulator, 1.0%
|
Sipex Corporation
|